PART |
Description |
Maker |
8051AH 8751H 8752BH P8032AH 6051AHP TP8052AH TN805 |
8-Bit control-oriented microcontroller. Commercial. (P80xxAH) MCS51 8-BIT CONTROL-ORIENTED MICROCONTROLLERS MCS 51 8-BIT CONTROL-ORIENTED MICROCONTROLLERS 8-bit control-oriented microcontroller with burn-in
|
INTEL[Intel Corporation]
|
P8051AH 8751H-8 |
MCS51 8-BIT CONTROL-ORIENTED MICROCONTROLLERS MCS51 8-BIT CONTROL-ORIENTED MICROCONTROLLERS
|
Intel Corporation
|
D8052AH |
8 BIT CONTROL ORIENTED MICROCOMPUTERS
|
Intel
|
LC6528C LC6528H LC6527C LC6527H |
SINGLE CHIP 4 BIT MICROCOMPUTERS FOR SMALL SCALE CONTROL ORIENTED APPLICATIONS
|
SANYO[Sanyo Semicon Device]
|
LC6538D |
SINGLE-CHIP 4-BIT MICROCOMPUTER FOR LARGE-SCALE CONTROL-ORIENTED APPLICATIONS
|
Sanyo Semicon Device
|
LC651102N_F_L LC651102F |
Single-Cip 4-Bit Microcomputer For Small-Scale Control-Oriented Applications CMOS LSI
|
Sanyo
|
TMC4670 TMC4670-BI TMC4670-EVAL |
Field Oriented Control (FOC) w/ Servo Controller
|
TRINAMIC Motion Control...
|
AM29LV256MH113R AM29LV256MH123R AM29LV256MH123RPGI |
256 Megabit (16 M x 16-Bit/32 M x 8-Bit) MirrorBitTM 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control CAP, FILM, 0.22UF, 100V, PPS, 2825,5%,SM 256 Megabit (16 M x 16-Bit/32 M x 8-Bit) MirrorBitTM 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/OTM Control 16M X 16 FLASH 3V PROM, 120 ns, PDSO56 256 Megabit (16 M x 16-Bit/32 M x 8-Bit) MirrorBitTM 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/OTM Control 256兆位6 M中的x 16-Bit/32 M中的x 8位)MirrorBitTM 3.0伏特,只有统一闪存部门与VersatileI /价外控制
|
Advanced Micro Devices, Inc.
|
ADG3242BCZ-SF3 ADG3242BRJZ-REEL7 ADG324206 ADG3242 |
2.5 V/3.3 V, 2-Bit, Common Control Level Translator Bus Switch; Package: SOT-23; No of Pins: 8; Temperature Range: Industrial 3242 SERIES, 2-BIT DRIVER, TRUE OUTPUT, PDSO8 2.5 V/3.3 V, 2-Bit Common Control Level Translator Bus Switch
|
Analog Devices, Inc.
|
ALED1642GW ALED1642GWXTTR |
16 Channels LED driver with Error detection, Current Gain Control and 12/16 bit PWM Brightness control for automotive applications
|
ST Microelectronics
|
ST72T141K2 ST72141 ST72141K2M3 |
8-BIT MCU WITH ELECTRIC-MOTOR CONTROL, ADC, 16-BIT TIMERS, SPI INTERFACE 8-BIT MICROCONTROLLER (MCU) FOR ELECTRIC-MOTOR CONTROL WITH 8K ROM/OTP/EPROM. 256 BYTES RAM.ADC. WDG. SPI & 2 TIMERS. SDIP32-SO34
|
STMicroelectronics
|
UPD78233L UPD78233 UPD78234GC-3B9 UPD78233GC-3B9 U |
4 to 12 MHz, advanced, 8-bit real-time control microcomputer with A/D and D/A converter ADVANCED, 8 BIT REAL TIME CONTROL MICROCOMPUTERS WITH A/D AND D/A CONVERTERS
|
NEC[NEC]
|